Part Number Hot Search : 
A5800924 27011 MUR480ES D1120 TD111 TXV2N IDT72T5 XF001
Product Description
Full Text Search
 

To Download ST20-48-25S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VER : B_1
update : 98.04.09
Encapsulated DC-DC Converter
ST20 SERIES KEY FEATURES
Power Module for PCB Mountable 2:1 Input Range Synchronous Rectifier Topology Regulated Output Low Ripple and Noise Screw Terminal For Optional Remote ON/OFF Control (Optional) Standard 2" x 1" Package and Pinout CE, UL Approval 2 Years Product Warranty
20 Watts
ELECTRICAL SPECIFICATIONS
Model No. Max. Output Wattage (W) Input Voltage (V.DC.) Outut Voltage (V.DC.) Efficiency Model No. Max. Output Wattage (W) Input Voltage (V.DC.) Outut Voltage (V.DC.) Efficiency ST20-24-2.5S 12.5W 24V (18-36V) 2.5V / 4000mA 83% ST20-48-2.5S 12.5W 48V (36-75V) 2.5V / 4000mA 83% ST20-24-3.3S 14W 24V (18-36V) 3.3V / 4000mA 86% ST20-48-3.3S 14W 48V (36-75V) 3.3V / 4000mA 86% ST20-24-5S 20W 24V (18-36V) 5V / 4000mA 87% ST20-48-5S 20W 48V (36-75V) 5V / 4000mA 87%
Model No. Max Output Wattage (W) Input Input Filter Voltage (V.DC.) Voltage Accuracy Current (mA) max Line Regulation (LL-HL) (typ.) Output Load Regulation (10-100%) (typ.) Ripple Noise Efficiency Switching Frequency Over Power Protection Over Voltage Protection Protection Short Circuit Protection Transient Response Voltage Isolation Resistance Capacitance Operating Temperature Storage Temperature Case Temperature Environment Temperature Coefficient Humidity MTBF Dimension (L x W x H) Case Material Physical Weight Cooling Method Safety Agency Approvals EMC EMI (Conducted & Radiated Emission)
ST20-24-2.5S 12.5W
ST20-24-3.3S 14W
ST20-24-5S 20W
ST20-48-2.5S 12.5W
ST20-48-3.3S 14W 3.3 4000
ST20-48-5S 20W 5 4000
type 2.5 3.3 5 2.5 2% 4000 4000 4000 4000 0.5% 1% 110mV max (Vp-p) 200mV max (Vp-p) 83% 86% 87% 83% 400KHz Works over 120% of rating and recovers automatically. Zener diode clamp Current limit, auto-recovery 500 us (100% to 50% full load at 1% error band) 1600 VDC. 108 ohms 1000 pF -25C...+70C (with derating) -55C...+105C +100C max. 0.02% PerC 95% RH >550,000 h @ 25C (MIL-HDBK-217F) 1.97 x 1.0 x 0.425 Inches ( 50.1 x 25.4 x 10.8 mm ) Tolerance 0.5 mm Nickel-Coated Copper with Non-conductive Base, Six-side Shielded 32 g Free-air convection CE, UL EN 55022 class A
86%
87%
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated.
http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
VER : B_1
update : 98.04.09
Encapsulated DC-DC Converter
ST20 SERIES MECHANICAL DIMENSION ( Top View )
PIN# 1 2 3 4 5 6 Single
20 Watts
ON / OFF CTL (Optional) -DC IN +DC IN -DC OUT NO PIN +DC OUT
DERATING
BLOCK DIAGRAM
http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319
-2-
VER : B_1
update : 98.04.09
Encapsulated DC-DC Converter
ST20 SERIES SCREW TERMINAL
ST20-A2
20 Watts
PIN# 1 2 3 4. 5 6 7 8
Single CTRL -DC IN +DC IN -DC OUT NO CONNECT NO CONNECT NO CONNECT +DC OUT
Dual CTRL -DC IN +DC IN -DC OUT NO CONNECT COMMON NO CONNECT +DC OUT
ST20-A5
PIN# 1 2 3 4. 5 6 7 8
Single CTRL -DC IN +DC IN -DC OUT NO CONNECT NO CONNECT NO CONNECT +DC OUT
Dual CTRL -DC IN +DC IN -DC OUT NO CONNECT COMMON NO CONNECT +DC OUT
http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319
-3-


▲Up To Search▲   

 
Price & Availability of ST20-48-25S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X